Part Number Hot Search : 
A5800865 1N5380B 11610 CTF90 XC3000 MAX3467 M2N700 TH8080
Product Description
Full Text Search
 

To Download TIP105-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tip105 tip106 tip107 pnp plastic medium-power silicon transistors features ? high dc current gain : h fe =2500 (typ) @ i c =4.0adc ? low collector-emitter saturation voltage ? monolithic construction with built-in base-emitter shunt resistors ? to-220 compact package maximum ratings to-220  
 omp onents 20736 marilla street chatsworth       
     mcc revision: c 2013/01 /01 tm micro commercial components www. mccsemi .com 1 of 4 g r b q h u l d c j k a f s t 1 3 2 n v min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max pin 1. base pin 2. collector pin 3. emitter ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 symbol rating rating unit v ceo collector-emitter voltage tip105 tip106 tip107 60 80 100 v v cbo collector-base voltage tip105 tip106 tip107 60 80 100 v v ebo emitter-base voltage 5.0 v i c collector current-continuous 8.0 a i cp collector current-peak 15 a i b base current 1.0 a p d collector dissipation @t c =25 o c derate above 25 o c 80 0.64 w w/ o c t j , junction temperature -55 to +150 o c t stg storage temperature -55 to +150 o c electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v ceo(sus) collector-emitter sustaining voltage (i c =30madc, i b =0) tip105 tip106 tip107 60 80 100 --- --- --- vdc i ceo collector cut-off current (v ce =30vdc, i b =0) tip105 (v ce =40vdc, i b =0) tip106 (v ce =50vdc, i b =0) tip107 --- --- --- 50 50 50 uadc i cbo collector cut-off current (v cb =60vdc, i e =0) tip105 (v cb =80vdc, i e =0) tip106 (v cb =100vdc, i e =0) tip107 --- --- --- 50 50 50 uadc i ebo emitter cut-off current (v be =5.0vdc, i c =0) --- 8.0 madc on characteristics(1) h fe(1) dc current gain (i c =3.0adc, v ce =4.0vdc) (i c =8.0adc, v ce =4.0vdc) 1000 200 20000 --- ---- v ce(sat) collector-emitter saturation voltage (i c =3.0adc, i b =6.0madc) (i c =8.0adc, i b =80madc) --- --- 2.0 2.5 vdc v be(on) base-emitter on voltage (i c =8.0adc,v ce =4.0adc) --- 2.8 vdc hfe small-signal current gain (i c =3.0adc,v ce =4.0vdc,f=1.0mhz) 4.0 --- --- c ob output capacitance (v cb =10v, i e =0, f=0.1mhz) --- 300 pf notes:1.high temperature solder exemption applied, see eu directive annex 7. (1) pulse test: pulse width<300us, duty cycle<2% mounting torgue: 5 in-lbs maximum ? halogen free available upon request by adding suffix "-hf"
80 0 0 20 40 60 80 100 120 160 figure 1. power derating t, temperature ( c) p d , power dissipation (watts) 40 20 60 140 t c 4.0 0 2.0 1.0 3.0 t a t a t c 5.0 0.1 figure 2. switching times i c , collector current (amp) t, time ( s) 2.0 1.0 0.5 0.05 0.2 0.3 0.5 0.7 1.0 2.0 3.0 10 0.3 0.7 t f t r t s t d @ v be(off) = 0 v v cc = 30 v i c /i b = 250 i b1 = i b2 t j = 25 c 3.0 0.2 0.1 0.07 5.0 7.0 figure 3. thermal response t, time (ms) 1.0 0.01 0.01 0.5 0.2 0.1 0.05 0.02 r(t), transient thermal resistance (normalized) 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 1.0 k 500 z  jc(t) = r(t) r  jc r  jc = 1.56 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) ? t c = p (pk) z  jc(t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 0.2 0.05 0.02 0.01 single pulse 0.1 0.7 0.3 0.07 0.03 0.02 20 1.0 figure 4. active?region safe operating area v ce , collector?emitter voltage (volts) 10 5.0 2.0 1.0 0.02 2.0 5.0 20 50 10 0 bonding wire limited thermally limited @ t c = 25 c 0.5 i c , collector current (ma) t j = 150 c dc 1ms 100 s 0.2 0.1 10 tip107 0.05 second breakdown limited curves apply below rated v ceo 5ms tip105,106,107 mcc tip106 tip105 revision: c 2013/01/01 tm micro commercial components www. mccsemi .com 2 of 4
tip105,106,107 mcc revision: c 2013/01/01       
  
                        figure 5. small?signal current gain    !" #$%&                  '()   ()  figure 6. capacitance   * + 
, -
 "              "  , *  ."                         v ce = 4.0 v t j = 150 c 25 c ?55 c figure 7. dc current gain     - ,   
    ' figure 8. collector saturation region 3.0 0.3 i b , base current (ma) 1.0 0.5 1.0 2.0 10 30 1.8 2.2 2.6 0.7 5.0 20 1.4 t j = 25 c 6.0 a 3.0 0.1 i c , collector current (amp) 0.2 0.3 0.5 1.0 2.0 5.0 10 2.5 2.0 1.5 1.0 0.5 t j = 25 c v, voltage (volts) figure 9. ?on? voltages 3.0 0.7 7.0  / 012 3  4 /    012 3  4 /   / 3  ' tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: c 2013/01/01 tm micro commercial components www. mccsemi .com 4 of 4 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk;1kpcs/box note : adding "-hf" suffix for halogen free, eg. part number-bp-hf


▲Up To Search▲   

 
Price & Availability of TIP105-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X